PART |
Description |
Maker |
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
0190700100 BB-239-08XT |
RING INSULKRIMP TAPED (BB-239-08XT
|
Molex Electronics Ltd.
|
CS-V-346XT 0191540038 |
BUTT SPLICE INSULKRIMP TAPED (CS-V-346XT BUTT SPLICE INSULKRIMP TAPED (CS-V-346XT
|
Molex Electronics Ltd.
|
6000208C |
BUTT SPLICE INSULKRIMP TAPED (CS-V-346XT
|
Molex Electronics Ltd.
|
BB-118-38T 0190690094 |
RING KRIMPTITE TAPED (BB-118-38T) RING KRIMPTITE TAPED (BB-118-38T)
|
Molex Electronics Ltd.
|
0190540093 B-228-08HDXT 190540093 |
InsulKrimp Ring Tongue Terminal for 14-16 AWG InsulKrimp?/a> Ring Tongue Terminal for 14-16 AWG InsulKrimp垄芒 Ring Tongue Terminal for 14-16 AWG MOLEX Connector
|
Molex Electronics Ltd.
|
AA-232-06X |
InsulKrimp Ring Tongue Terminal
|
Molex Electronics
|
0190750021 SRB-S-229-08X |
InsulKrimp?/a> Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8 InsulKrimp Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8 MOLEX Connector
|
Molex Electronics Ltd.
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
19073-0236 19073-0218 19073-0231 19073-0242 19073- |
Connector assemblies 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (C-836-06T) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-14) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-56) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1/4 RING TERMINAL
|
Molex, Inc. MOLEX INC
|
G-675-14X |
InsulKrimp Ring Tongue Terminal for 2 AWG Wire
|
Molex Electronics Ltd.
|
|